Part Number Hot Search : 
BYX46 LTC37 SKMD40F SD220 5KE130 B0822BB1 030DB2D K2012
Product Description
Full Text Search
 

To Download MM1Z5231BH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zowie Technology Corporation
MM1Z5221BH~MM1Z5267BH
SILICON PLANAR ZENER DIODES
Lead free product Halogen - free type
Silicon Planar Zener Diode in a small plastic SMD SOD-123 package
1
PINNING PIN 1 2 DESCRIPTION Cathode Anode
2
Features * Total power dissipation: Max. 500 mW * Small plastic package suitable for surface mounted design * Tolerance approximately 5%
Top View Simplified outline SOD-123 and symbol
Absolute Maximum Ratings (Ta = 25 OC)
Parameter Total Power Dissipation Operating Junction and Storage Temperature Range Symbol Ptot Tj, TS Value 500 - 55 to + 150 Unit mW
O
C
Characteristics at Ta = 25 OC
Parameter Thermal Resistance Junction to Ambient Air Forward Voltage at IF = 10 mA Symbol RJA VF Max. 350 0.9 Unit
O
C/W V
REV. 0
Zowie Technology Corporation
Zowie Technology Corporation
MM1Z5221BH~MM1Z5268BH
Zener Voltage Range 1), 2) Vznom V 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 19 20 22 24 25 27 30 33 36 39 43 47 51 56 62 68 75 lZT mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 8.5 7.8 7 6.6 6.2 5.6 5.2 5 4.6 4.2 3.8 3.4 3.2 3 2.7 2.5 2.2 2 1.8 1.7 for VZT Maximum Zener Impedance 3) rZJT 30 30 29 28 24 23 22 19 17 11 7 5 6 8 10 17 22 30 13 16 17 21 23 25 29 33 35 41 49 58 70 80 93 105 125 150 185 230 270 rZJK 1200 1300 1600 1600 1700 1900 2000 1900 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1600 1700 at IZK mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Type MM1Z5221BH MM1Z5223BH MM1Z5225BH MM1Z5226BH MM1Z5227BH MM1Z5228BH MM1Z5229BH MM1Z5230BH MM1Z5231BH MM1Z5232BH MM1Z5234BH MM1Z5235BH MM1Z5236BH MM1Z5237BH MM1Z5239BH MM1Z5240BH MM1Z5241BH MM1Z5242BH MM1Z5243BH MM1Z5245BH MM1Z5246BH MM1Z5248BH MM1Z5249BH MM1Z5250BH MM1Z5251BH MM1Z5252BH MM1Z5253BH MM1Z5254BH MM1Z5256BH MM1Z5257BH MM1Z5258BH MM1Z5259BH MM1Z5260BH MM1Z5261BH MM1Z5262BH MM1Z5263BH MM1Z5265BH MM1Z5266BH MM1Z5267BH
1) 2)
Marking Code A4 B4 C4 D4 E4 F4 H4 J4 K4 M4 N4 P4 R4 X4 Y4 Z4 A5 B5 C5 D5 E5 F5 K9 H5 J5 K5 M9 M5 N5 P5 R5 X5 Y5 Z5 A6 B6 C6 D6 E6
Maximum Reverse Current IR A 100 75 50 25 15 10 5 5 5 5 5 3 3 3 3 3 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 at VR V 1 1 1 1 1 1 1 2 2 3 4 5 6 6.5 7 8 8.4 9.1 9.9 11 12 14 14 15 17 18 19 21 23 25 27 30 33 36 39 43 47 52 56
V 2.28...2.52 2.57...2.84 2.85...3.15 3.14...3.47 3.42...3.78 3.71...4.1 4.09...4.52 4.47...4.94 4.85...5.36 5.32...5.88 5.89...6.51 6.46...7.14 7.13...7.88 7.79...8.61 8.65...9.56 9.5...10.5 10.45...11.55 11.4...12.6 12.35...13.65 14.25...15.75 15.2...16.8 17.1...18.9 18.05...19.95 19... 21 20.9...23.1 22.8...25.2 23.75...26.25 25.65...28.35 28.5...31.5 31.35...34.65 34.2...37.8 37.05...40.95 40.85...45.15 44.65...49.35 48.45...53.55 53.2...58.8 58.9...65.1 64.6...71.4 71.25...78.75
VZ is tested with pulses (20 ms) Nominal Zener voltage is measured with the device junction in thermal equilibrium at TL = 30 OC 1 OC. 3) ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(AC) = 0.1 IZ(DC) with the AC frequency = 1 KHz.
REV. 0
Zowie Technology Corporation
Zowie Technology Corporation
MM1Z5221BH~MM1Z5268BH
REV. 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of MM1Z5231BH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X